| Moteur de recherche de fiches techniques de composants électroniques |
|
MFSYS25 Fiches technique(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 Fiches technique(HTML) 49 Page - Intel Corporation |
|
49 / 52 page ![]() Intel® Modular Server System MFSYS25/MFSYS35 TPS Glossary Glossary This appendix contains important terms used in the preceding sections. Acronyms are followed by non-acronyms. Word / Acronym Definition ACPI Advanced Configuration and Power Interface BIOS Basic Input / Output System BMC Baseboard Management Controller CE European Conformity (Conformité Européenne) CISPR Special International Committee on Radio Interference (Comité International Spécial des Perturbations Radioélectriques) CMM Chassis Management Module CMOS Complementary Metal-Oxide Semiconductor CSA Canadian Standards Organization DB Data Bus dBA Decibel Acoustic DDR2 Double Data Rate DIMM Dual In-line Memory Module DMA Direct Memory Access ECC Error Checking Code EEPROM Electrically Erasable Programmable Read-Only Memory EMC Electromagnetic Compatibility EMI Electromagnetic Interference EMP Emergency Management Port EPS External Product Specification ESD Electrostatic Discharge ESM Ethernet Switch Module FCC Federal Communications Commission FPGA Field-Programmable Gate Array FRB Fault Resilient Booting FRU Field Replaceable Unit FSB Front Side Bus FWH Firmware Hub GbE Gigabit Ethernet GND Ground GUI Graphical User Interface HDD Hard Disk Drive HL Hub-Link HSC Hot-Swap Controller I/O Input / Output I²C Inter-Integrated Circuit ICMB Intelligent Chassis Management Bus IDE Integrated Device Electronics IEC International Electrotechnical Commission Revision 1.3 Intel order number E15155-005 43 |