Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS25 Fiches technique(PDF) 27 Page - Intel Corporation

No de pièce MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Fiches technique(HTML) 27 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 23Page - Intel Corporation MFSYS25 Datasheet HTML 24Page - Intel Corporation MFSYS25 Datasheet HTML 25Page - Intel Corporation MFSYS25 Datasheet HTML 26Page - Intel Corporation MFSYS25 Datasheet HTML 27Page - Intel Corporation MFSYS25 Datasheet HTML 28Page - Intel Corporation MFSYS25 Datasheet HTML 29Page - Intel Corporation MFSYS25 Datasheet HTML 30Page - Intel Corporation MFSYS25 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
System Details
Figure 14. Rear View of Midplane Board
3.4 Compute Module
This section describes the platform’s compute module at a high level. Refer to the Intel
®
Compute Module MFS5000SI
Technical Product Specification for additional details.
3.4.1
Introduction
The Intel
® Modular Server System MFSYS25/MFSYS35 architecture allows new compute
modules to be developed around future processor/chipset combinations without any change to
the rest of the system. Given that processor/chipset improvements have occurred more
frequently than other technologies, such as I/O and storage, the compute module should be
updated more often than other components in the system.
Revision 1.3
Intel order number E15155-005
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52