Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS25 Fiches technique(PDF) 47 Page - Intel Corporation

No de pièce MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Fiches technique(HTML) 47 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 43Page - Intel Corporation MFSYS25 Datasheet HTML 44Page - Intel Corporation MFSYS25 Datasheet HTML 45Page - Intel Corporation MFSYS25 Datasheet HTML 46Page - Intel Corporation MFSYS25 Datasheet HTML 47Page - Intel Corporation MFSYS25 Datasheet HTML 48Page - Intel Corporation MFSYS25 Datasheet HTML 49Page - Intel Corporation MFSYS25 Datasheet HTML 50Page - Intel Corporation MFSYS25 Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Intel® Modular Server System MFSYS25/MFSYS35 TPS
Product Regulatory Requirements
Revision 1.3
4.4.4
VCCI (Japan)
English translation of the notice above:
This is a Class A product based on the standard of the Voluntary Control Council for
Interference (VCCI) from Information Technology Equipment. If this is used near a radio or
television receiver in a domestic environment, it may cause radio interference. Install and use
the equipment according to the instruction manual.
Recycle battery in accordance with applicable WEEE and Battery laws.
Perchlorate Material - special handling may apply. See:
http://www.dtsc.ca.gov/hazardouswaste/perchlorate
This notice is required by California Code of Regulations, Title 22, Division 4.5, Chapter 33:
Best Management Practices for Perchlorate Materials. This product/part includes a battery
which contains perchlorate material.
4.4.5
BSMI (Taiwan)
The BSMI Certification Marking and EMC warning is located on the outside rear area of the
product.
Recycle battery in accordance with applicable WEEE and Battery laws.
Intel order number E15155-005
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52