Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS25 Fiches technique(PDF) 22 Page - Intel Corporation

No de pièce MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Fiches technique(HTML) 22 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 18Page - Intel Corporation MFSYS25 Datasheet HTML 19Page - Intel Corporation MFSYS25 Datasheet HTML 20Page - Intel Corporation MFSYS25 Datasheet HTML 21Page - Intel Corporation MFSYS25 Datasheet HTML 22Page - Intel Corporation MFSYS25 Datasheet HTML 23Page - Intel Corporation MFSYS25 Datasheet HTML 24Page - Intel Corporation MFSYS25 Datasheet HTML 25Page - Intel Corporation MFSYS25 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
System Details
Intel® Modular Server System MFSYS25/MFSYS35 TPS
3.2 Chassis
The Intel
® Modular Server System MFSYS25/MFSYS35 design accommodates multiple
generations of compute modules, I/O modules, and storage controllers without the need to
upgrade or modify the chassis or the midplane board. This strategy allows the system to be in
use for many years with only the occasional upgrade of front and/or rear components as new
technologies become available.
The following two figures show the front view of an empty Intel
® Modular Server System
MFSYS25/MFSYS35
. Note that the hard drive bay is installed and the hard drive backplane is
visible on the left side of the chassis. The midplane board is also installed and is visible through
the empty compute module bay area.
HDD
Backplane
Midplane
Figure 8. Front View of Empty Intel
® Modular Server System MFSYS25
16
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52