Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS25 Fiches technique(PDF) 42 Page - Intel Corporation

No de pièce MFSYS25
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS25 Fiches technique(HTML) 42 Page - Intel Corporation

Back Button MFSYS25 Datasheet HTML 38Page - Intel Corporation MFSYS25 Datasheet HTML 39Page - Intel Corporation MFSYS25 Datasheet HTML 40Page - Intel Corporation MFSYS25 Datasheet HTML 41Page - Intel Corporation MFSYS25 Datasheet HTML 42Page - Intel Corporation MFSYS25 Datasheet HTML 43Page - Intel Corporation MFSYS25 Datasheet HTML 44Page - Intel Corporation MFSYS25 Datasheet HTML 45Page - Intel Corporation MFSYS25 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
Product Regulatory Requirements
Intel® Modular Server System MFSYS25/MFSYS35 TPS
36
Revision 1.3
Requirement
Country
Marking
金属部件
(Metal Parts)
印刷板.件
(Printed Board
Assemblies
(PBA))
○:表'.有毒有害物.在.部件所有均.材料中的含量均在SJ/T 11363-2006 .准.定的
限量要求以下。
○:
Indicates that this hazardous substance contained in all homogeneous materials of this part is below the limit requirement in
SJ/T 11363-2006.
×:表'.有毒有害物.至少在.部件的某一均.材料中的含量超出SJ/T 11363-2006 .准
.定的限量要求。
×:
Indicates that this hazardous substance contained in at least one of the homogeneous materials of this part is above the limit
requirement in SJ/T 11363-2006.
售之日的所售.品,本表'示我公司供..的.子信息.品可能'含.些物.。注意:在
所售.品中可能'也可能'会含有所有所列的部件
This table shows where these substances may be found in the supply chain of our electronic information products, as of the
date of sale of the enclosed product. Note that some of the component types listed above may or may not be a part of the
enclosed product.
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52