| Moteur de recherche de fiches techniques de composants électroniques |
|
MFSYS25 Fiches technique(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 Fiches technique(HTML) 2 Page - Intel Corporation |
|
2 / 52 page ![]() Revision History Intel® Modular Server System MFSYS25/MFSYS35 TPS Revision History Date Revision Number Modifications July, 2007 0.88 Initial release. September, 2007 1.0 Updated. February, 2008 1.1 Updated. June, 2008 1.2 Updated Power Budget of Hardware Components, Table 5. Added 3.5-inch drive bay information for the Intel® Modular Server System MFSYS35. November, 2008 1.3 Updated System Details, power and heat specifications Disclaimers Information in this document is provided in connection with Intel ® products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right. Intel products are not intended for use in medical, life saving, or life sustaining applications. Intel may make changes to specifications and product descriptions at any time, without notice. Designers must not rely on the absence or characteristics of any features or instructions marked “reserved” inches or “undefined” Intel reserves these for future definition and shall have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them. The Intel ® Modular Server System MFSYS25/MFSYS35 may contain design defects or errors known as errata, which may cause the product to deviate from published specifications. Current characterized errata are available on request. Intel Corporation server baseboards contain a number of high-density VLSI and power delivery components that need adequate airflow to cool. Intel’s own chassis are designed and tested to meet the intended thermal requirements of these components when the fully integrated system is used together. It is the responsibility of the system integrator that chooses not to use Intel developed server building blocks to consult vendor datasheets and operating parameters to determine the amount of airflow required for their specific application and environmental conditions. Intel Corporation cannot be held responsible if components fail or the server board does not operate correctly when used outside any of their published operating or non-operating limits. Intel and Xeon are trademarks or registered trademarks of Intel Corporation. *Other brands and names may be claimed as the property of others. Copyright © Intel Corporation 2007- 2008 ii Revision 1.3 Intel order number E15155-005 |