| Moteur de recherche de fiches techniques de composants électroniques |
|
MFSYS25 Fiches technique(PDF) 34 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS25 Fiches technique(HTML) 34 Page - Intel Corporation |
|
34 / 52 page ![]() System Details Intel® Modular Server System MFSYS25/MFSYS35 TPS 3.7 Storage Controller Module 3.7.1 Storage Subsystem Introduction The Intel ® Modular Server System MFSYS25/MFSYS35 enables up to six diskless compute modules to interface via SAS connections to one or two (for redundancy) internal storage controller modules. The storage controller modules include RAID and storage virtualization functionality with connections to back-end shared internal SAS disk drives. Connectivity between the storage controller modules and the disk drive backplane is achieved via an interposer card to a 14-drive backplane in the Intel ® Modular Server System MFSYS25 and a 6- drive backplane in the Intel ® Server System MFSYS35. In combination, these components allow up to 14 2.5-inch SAS drives in the Intel ® Modular Server System MFSYS25 and up to 6 3.5-inch SAS/SATA drives in the Intel ® Modular Server System MFSYS35 to be shared between all compute modules. The CMM is used to configure drive arrays and to match LUNs to specific compute modules. 3.7.2 Mechanical Outline Figure 21. Mechanical Outline of Storage Controller Module Board 28 Revision 1.3 Intel order number E15155-005 |