Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 61 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 61 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 57Page - Intel Corporation DP35DP Datasheet HTML 58Page - Intel Corporation DP35DP Datasheet HTML 59Page - Intel Corporation DP35DP Datasheet HTML 60Page - Intel Corporation DP35DP Datasheet HTML 61Page - Intel Corporation DP35DP Datasheet HTML 62Page - Intel Corporation DP35DP Datasheet HTML 63Page - Intel Corporation DP35DP Datasheet HTML 64Page - Intel Corporation DP35DP Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
Overview of BIOS Features
61
3.6.1
Language Support
The BIOS Setup program and help messages are supported in US English. Additional
languages are available in the Integrator’s Toolkit utility. Check the Intel website for
details.
3.6.2
Custom Splash Screen
During POST, an Intel® splash screen is displayed by default. This splash screen can
be augmented with a custom splash screen. The Intel® Integrator’s Toolkit that is
available from Intel can be used to create a custom splash screen.
NOTE
If you add a custom splash screen, it will share space with the Intel branded logo.
For information about
Refer to
Intel Integrator Toolkit
http://developer.intel.com/design/motherbd/software/itk/
Additional Intel software tools
http://developer.intel.com/products/motherboard/dg965wh/tools.htm
and
http://developer.intel.com/design/motherbd/software.htm
3.7
BIOS Recovery
It is unlikely that anything will interrupt a BIOS update; however, if an interruption
occurs, the BIOS could be damaged. Table 31 lists the drives and media types that
can and cannot be used for BIOS recovery. The BIOS recovery media does not need
to be made bootable.
Table 31. Acceptable Drives/Media Types for BIOS Recovery
Media Type
Can be used for BIOS recovery?
CD-ROM drive connected to the Parallel ATA interface
Yes
CD-ROM drive connected to the Serial ATA interface
Yes
USB removable drive (a USB Flash Drive, for example)
Yes
USB diskette drive (with a 1.44 MB diskette)
No
USB hard disk drive
No
Legacy diskette drive (with a 1.44 MB diskette) connected to the
legacy diskette drive interface
No
For information about
Refer to
BIOS recovery
http://support.intel.com/support/motherboards/desktop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84