| Moteur de recherche de fiches techniques de composants électroniques |
|
DP35DP Fiches technique(PDF) 25 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
DP35DP Fiches technique(HTML) 25 Page - Intel Corporation |
|
25 / 84 page ![]() Product Description 25 1.11 LAN Subsystem The LAN subsystem consists of the following: • Intel 82566DC Gigabit Ethernet Controller (10/100/1000 Mbits/sec) • Intel 82801IR (ICH9R) • RJ-45 LAN connector with integrated status LEDs Additional features of the LAN subsystem include: • CSMA/CD protocol engine • LAN connect interface between ICH9R and the LAN controller • PCI Conventional bus power management ⎯ ACPI technology support ⎯ LAN wake capabilities ⎯ LAN subsystem software For information about Refer to LAN software and drivers http://downloadcenter.intel.com 1.11.1 Intel® 82566DC Gigabit Ethernet Controller The Intel 82566DC Gigabit Ethernet Controller supports the following features: • PCI Express link • 10/100/1000 IEEE 802.3 compliant • Compliant to IEEE 802.3x flow control support • 802.1p and 802.1q • TCP, IP, and UDP checksum offload (for IPv4 and IPv6) • Transmit TCP segmentation • Full device driver compatibility • PCI Express power management support |