Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 76 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 76 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 72Page - Intel Corporation DP35DP Datasheet HTML 73Page - Intel Corporation DP35DP Datasheet HTML 74Page - Intel Corporation DP35DP Datasheet HTML 75Page - Intel Corporation DP35DP Datasheet HTML 76Page - Intel Corporation DP35DP Datasheet HTML 77Page - Intel Corporation DP35DP Datasheet HTML 78Page - Intel Corporation DP35DP Datasheet HTML 79Page - Intel Corporation DP35DP Datasheet HTML 80Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
76
Türkçe
Intel, çevre sorumluluğuna bağımlılığının bir parçası olarak, perakende tüketicilerin
Intel markalı kullanılmış ürünlerini belirlenmiş merkezlere iade edip uygun şekilde geri
dönüştürmesini amaçlayan Intel Ürünleri Geri Dönüşüm Programı’nı uygulamaya
koymuştur.
Bu programın ürün kapsamı, ürün iade merkezleri, nakliye talimatları, kayıtlar ve
şartlar v.s dahil bütün ayrıntılarını ögrenmek için lütfen
http://www.intel.com/intel/other/ehs/product_ecology Web sayfasına gidin.
5.1.3.3
Lead Free Desktop Board
This Desktop Board is a European Union Restriction of Hazardous Substances (EU
RoHS Directive 2002/95/EC) compliant product. EU RoHS restricts the use of six
materials. One of the six restricted materials is lead.
This Desktop Board is lead free although certain discrete components used on the
board contain a small amount of lead which is necessary for component performance
and/or reliability. This Desktop Board is referred to as “Lead-free second level
interconnect.” The board substrate and the solder connections from the board to the
components (second-level connections) are all lead free.
China bans the same substances and has the same limits as EU RoHS; however it
requires different product marking and controlled substance information. The required
mark shows the Environmental Friendly Usage Period (EFUP). The EFUP is defined as
the number of years for which controlled listed substances will not leak or chemically
deteriorate while in the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84