Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 55 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 55 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 51Page - Intel Corporation DP35DP Datasheet HTML 52Page - Intel Corporation DP35DP Datasheet HTML 53Page - Intel Corporation DP35DP Datasheet HTML 54Page - Intel Corporation DP35DP Datasheet HTML 55Page - Intel Corporation DP35DP Datasheet HTML 56Page - Intel Corporation DP35DP Datasheet HTML 57Page - Intel Corporation DP35DP Datasheet HTML 58Page - Intel Corporation DP35DP Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
Technical Reference
55
Figure 16 shows the locations of the localized high temperature zones.
Item
Description
A
Processor voltage regulator area
B
Processor
C
Intel 82P35 MCH
D
Intel 82801IR (ICH9R)
Figure 16. Localized High Temperature Zones
Table 27 provides maximum case temperatures for the board components that are
sensitive to thermal changes. The operating temperature, current load, or operating
frequency could affect case temperatures. Maximum case temperatures are important
when considering proper airflow to cool the board.
Table 27. Thermal Considerations for Components
Component
Maximum Case Temperature
Processor
For processor case temperature, see processor datasheets and
processor specification updates
Intel 82P35 MCH
97 oC (under bias)
Intel 82801IR (ICH9R)
92 oC (under bias)
For information about
Refer to
Processor datasheets and specification updates
Section 1.2, page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84