Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 18 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 18 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 14Page - Intel Corporation DP35DP Datasheet HTML 15Page - Intel Corporation DP35DP Datasheet HTML 16Page - Intel Corporation DP35DP Datasheet HTML 17Page - Intel Corporation DP35DP Datasheet HTML 18Page - Intel Corporation DP35DP Datasheet HTML 19Page - Intel Corporation DP35DP Datasheet HTML 20Page - Intel Corporation DP35DP Datasheet HTML 21Page - Intel Corporation DP35DP Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
18
Figure 3 illustrates the memory channel and DIMM configuration.
NOTE
The DIMM 0 sockets of both channels are blue. The DIMM 1 sockets of both channels
are black.
Figure 3. Memory Channel and DIMM Configuration
INTEGRATOR’S NOTE
Regardless of the memory configuration used (dual channel, single channel, or flex
mode), DIMM 0 of Channel A must always be populated. This is a requirement of the
Intel Management Engine in ICH9R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84