Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 72 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 72 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 68Page - Intel Corporation DP35DP Datasheet HTML 69Page - Intel Corporation DP35DP Datasheet HTML 70Page - Intel Corporation DP35DP Datasheet HTML 71Page - Intel Corporation DP35DP Datasheet HTML 72Page - Intel Corporation DP35DP Datasheet HTML 73Page - Intel Corporation DP35DP Datasheet HTML 74Page - Intel Corporation DP35DP Datasheet HTML 75Page - Intel Corporation DP35DP Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
72
5.1.2
European Union Declaration of Conformity
Statement
We, Intel Corporation, declare under our sole responsibility that the product Intel®
Desktop Board DP35DP is in conformity with all applicable essential requirements
necessary for CE marking, following the provisions of the European Council Directive
2004/108/EC (EMC Directive) and 2006/95/EC (Low Voltage Directive).
The product is properly CE marked demonstrating this conformity and is for
distribution within all member states of the EU with no restrictions.
This product follows the provisions of the European Directives 2004/108/EC and
2006/95/EC.
Čeština Tento výrobek odpovídá požadavkům evropských směrnic 2004/108/EC a
2006/95/EC.
Dansk Dette produkt er i overensstemmelse med det europæiske direktiv
2004/108/EC & 2006/95/EC.
Dutch Dit product is in navolging van de bepalingen van Europees Directief
2004/108/EC & 2006/95/EC.
Eesti Antud toode vastab Euroopa direktiivides 2004/108/EC ja 2006/95/EC
kehtestatud nõuetele.
Suomi Tämä tuote noudattaa EU-direktiivin 2004/108/EC & 2006/95/EC määräyksiä.
Français Ce produit est conforme aux exigences de la Directive Européenne
2004/108/EC & 2006/95/EC.
Deutsch Dieses Produkt entspricht den Bestimmungen der Europäischen Richtlinie
2004/108/EC & 2006/95/EC.
Ελληνικά Το παρόν προϊόν ακολουθεί τις διατάξεις των Ευρωπαϊκών Οδηγιών
2004/108/EC και 2006/95/EC.
Magyar E termék megfelel a 2004/108/EC és 2006/95/EC Európai Irányelv
előírásainak.
Icelandic Þessi vara stenst reglugerð Evrópska Efnahags Bandalagsins númer
2004/108/EC & 2006/95/EC.
Italiano Questo prodotto è conforme alla Direttiva Europea 2004/108/EC &
2006/95/EC.
Latviešu Šis produkts atbilst Eiropas Direktīvu 2004/108/EC un 2006/95/EC
noteikumiem.
Lietuvių Šis produktas atitinka Europos direktyvų 2004/108/EC ir 2006/95/EC
nuostatas.
Malti Dan il-prodott hu konformi mal-provvedimenti tad-Direttivi Ewropej
2004/108/EC u 2006/95/EC.
Norsk Dette produktet er i henhold til bestemmelsene i det europeiske direktivet
2004/108/EC & 2006/95/EC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84