Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP35DP Fiches technique(PDF) 11 Page - Intel Corporation

No de pièce DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Fiches technique(HTML) 11 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 7Page - Intel Corporation DP35DP Datasheet HTML 8Page - Intel Corporation DP35DP Datasheet HTML 9Page - Intel Corporation DP35DP Datasheet HTML 10Page - Intel Corporation DP35DP Datasheet HTML 11Page - Intel Corporation DP35DP Datasheet HTML 12Page - Intel Corporation DP35DP Datasheet HTML 13Page - Intel Corporation DP35DP Datasheet HTML 14Page - Intel Corporation DP35DP Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Product Description
11
Table 1. Feature Summary (continued)
Instantly Available
PC Technology
• Support for PCI* Local Bus Specification Revision 2.3
• Support for PCI Express Revision 1.0a
• Suspend to RAM support
• Wake on PCI, RS-232, front panel, PS/2 devices, USB ports, LAN, and CIR
Expansion
Capabilities
• One PCI Express x16 bus add-in card connector
• Three PCI Express x1 bus add-in card connectors
• Three PCI Conventional bus connectors
Hardware Monitor
Subsystem
• Intel® Quiet System Technology implemented through the Intel® Management
Engine in ICH9R
• Voltage sense to detect out of range power supply voltages
• Thermal sense to detect out of range thermal values
• Four fan headers
• Three fan sense inputs used to monitor fan activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84