| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7708 Fiches technique(PDF) 327 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Fiches technique(HTML) 327 Page - Renesas Technology Corp |
|
327 / 633 page ![]() 309 11.2.4 Timer Constant Register (TCOR) The timer constant registers are 32-bit registers. The TMU has three TCOR registers, one for each of the three channels. TCOR is a 32-bit read/write register. When a TCNT count-down results in an underflow, the TCOR value is set in TCNT and the count-down continues from that value. TCOR is initialized to H'FFFFFFFF by a power-on reset or manual reset; it is not initialized in standby mode, and retains its contents. TCOR: Bit: 31 30 29 28 27 26 25 24 Bit name: Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 23 22 21 20 19 18 17 16 Bit name: Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 15 14 13 12 11 10 9 8 Bit name: Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 Bit name: Initial value: 1 1 1 1 1 1 1 1 R/W: R/W R/W R/W R/W R/W R/W R/W R/W |