Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 54 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 54 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 50Page - Renesas Technology Corp SH7708 Datasheet HTML 51Page - Renesas Technology Corp SH7708 Datasheet HTML 52Page - Renesas Technology Corp SH7708 Datasheet HTML 53Page - Renesas Technology Corp SH7708 Datasheet HTML 54Page - Renesas Technology Corp SH7708 Datasheet HTML 55Page - Renesas Technology Corp SH7708 Datasheet HTML 56Page - Renesas Technology Corp SH7708 Datasheet HTML 57Page - Renesas Technology Corp SH7708 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 633 page
background image
36
Table 2.7
Arithmetic Instructions (cont)
Instruction
Operation
Code
Privileged
Mode
Cycles T Bit
DMULS.L Rm,Rn
Signed operation of
Rn
× Rm → MACH,
MACL 32
× 32 → 64 bits
0011nnnnmmmm1101
—
2(–5)*
—
DMULU.L Rm,Rn
Unsigned operation of
Rn
× Rm → MACH,
MACL 32
× 32 → 64 bits
0011nnnnmmmm0101
—
2(–5)*
—
DT
Rn
Rn – 1
→ Rn, if Rn =
0, 1
→ T, else 0 → T
0100nnnn00010000
—
1
Comparison
result
EXTS.B Rm,Rn
A byte in Rm is sign-
extended
→ Rn
0110nnnnmmmm1110
—1
—
EXTS.W Rm,Rn
A word in Rm is sign-
extended
→ Rn
0110nnnnmmmm1111
—1
—
EXTU.B Rm,Rn
A byte in Rm is zero-
extended
→ Rn
0110nnnnmmmm1100
—1
—
EXTU.W Rm,Rn
A word in Rm is zero-
extended
→ Rn
0110nnnnmmmm1101
—1
—
MAC.L
@Rm+,@Rn+
Signed operation of (Rn)
× (Rm) + MAC → MAC,
Rn + 4
→ Rn,
Rm + 4
→ Rm
32
× 32 + 64 → 64 bits
0000nnnnmmmm1111
—
2(–5)*
—
MAC.W
@Rm+,@Rn+
Signed operation of (Rn)
× (Rm) + MAC → MAC,
Rn + 2
→ Rn,
Rm + 2
→ Rm
16
× 16 + 64 → 64 bits
0100nnnnmmmm1111
—
2(–5)*
—
MUL.L
Rm,Rn
Rn
× Rm → MACL
32
× 32 → 32 bits
0000nnnnmmmm0111
—
2(–5)*
—
MULS.W Rm,Rn
Signed operation of Rn
× Rm → MAC
16
× 16 → 32 bits
0010nnnnmmmm1111
—
1(–3)*
—
MULU.W Rm,Rn
Unsigned operation of
Rn
× Rm → MAC
16
× 16 → 32 bits
0010nnnnmmmm1110
—
1(–3)*
—