Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 43 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 43 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 39Page - Renesas Technology Corp SH7708 Datasheet HTML 40Page - Renesas Technology Corp SH7708 Datasheet HTML 41Page - Renesas Technology Corp SH7708 Datasheet HTML 42Page - Renesas Technology Corp SH7708 Datasheet HTML 43Page - Renesas Technology Corp SH7708 Datasheet HTML 44Page - Renesas Technology Corp SH7708 Datasheet HTML 45Page - Renesas Technology Corp SH7708 Datasheet HTML 46Page - Renesas Technology Corp SH7708 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 633 page
background image
25
Table 2.2
Addressing Modes and Effective Addresses (cont)
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation Formula
PC-relative
Rn
Effective address is sum of register PC and
Rn contents.
PC
Rn
+
PC + Rn
PC + Rn
Immediate
#imm:8
8-bit immediate data imm of TST, AND, OR,
or XOR instruction is zero-extended.
—
#imm:8
8-bit immediate data imm of MOV, ADD, or
CMP/EQ instruction is sign-extended.
—
#imm:8
8-bit immediate data imm of TRAPA
instruction is zero-extended and multiplied
by 4.
—
Note:
For the addressing modes below that use a displacement (disp), the assembler descriptions
in this manual show the value before scaling (x1, x2, or x4) is performed according to the
operand size. This is done to clarify the operation of the IC. Refer to the relevant assembler
notation rules for the actual assembler descriptions.
@ (disp:4, Rn) ; Register indirect with displacement
@ (disp:8, Rn) ; GBR indirect with displacement
@ (disp:8, PC) ; PC-relative with displacement
disp:8, disp:12; PC-relative