Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 58 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 58 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 54Page - Renesas Technology Corp SH7708 Datasheet HTML 55Page - Renesas Technology Corp SH7708 Datasheet HTML 56Page - Renesas Technology Corp SH7708 Datasheet HTML 57Page - Renesas Technology Corp SH7708 Datasheet HTML 58Page - Renesas Technology Corp SH7708 Datasheet HTML 59Page - Renesas Technology Corp SH7708 Datasheet HTML 60Page - Renesas Technology Corp SH7708 Datasheet HTML 61Page - Renesas Technology Corp SH7708 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 633 page
background image
40
Table 2.10 lists the SH7708 Series branch instructions.
Table 2.10
Branch Instructions
Instruction
Operation
Code
Privileged
Mode
Cycles
T Bit
BF
label
If T = 0, disp
× 2 + PC Æ PC;
if T = 1, nop (where label is
disp + PC)
10001011dddddddd
—
3/1*
—
BF/S
label
Delayed branch, if T = 0,
disp
× 2 + PC → PC;
if T = 1, nop
10001111dddddddd
—
2/1*
—
BT
label
Delayed branch, if T = 1,
disp
× 2 + PC → PC;
if T = 0, nop
10001001dddddddd
—
3/1*
—
BT/S
label
If T = 1, disp
× 2 + PC → PC;
if T = 0, nop
10001101dddddddd
—
2/1*
—
BRA
label
Delayed branch,
disp
× 2 + PC → PC
1010dddddddddddd
—2
—
BRAF
Rm
Delayed branch,
Rm + PC
→ PC
0000mmmm00100011
—2
—
BSR
label
Delayed branch, PC
→ PR,
disp
× 2 + PC → PC
1011dddddddddddd
—2
—
BSRF
Rm
Delayed branch, PC
→ PR,
Rm + PC
→ PC
0000mmmm00000011
—2
—
JMP
@Rm
Delayed branch, Rm
→ PC
0100mmmm00101011
—2
—
JSR
@Rm
Delayed branch, PC
→ PR,
Rm
→ PC
0100mmmm00001011
—2
—
RTS
Delayed branch, PR
→ PC
0000000000001011
—2
—
Note: * One state when there is no branch.