Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 56 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 56 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 52Page - Renesas Technology Corp SH7708 Datasheet HTML 53Page - Renesas Technology Corp SH7708 Datasheet HTML 54Page - Renesas Technology Corp SH7708 Datasheet HTML 55Page - Renesas Technology Corp SH7708 Datasheet HTML 56Page - Renesas Technology Corp SH7708 Datasheet HTML 57Page - Renesas Technology Corp SH7708 Datasheet HTML 58Page - Renesas Technology Corp SH7708 Datasheet HTML 59Page - Renesas Technology Corp SH7708 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 633 page
background image
38
Table 2.8 lists the SH7708 Series logic operation instructions.
Table 2.8
Logic Operation Instructions
Instruction
Operation
Code
Privileged
Mode
Cycles T Bit
AND
Rm,Rn
Rn & Rm
→ Rn
0010nnnnmmmm1001
—1
—
AND
#imm,R0
R0 & imm
→ R0
11001001iiiiiiii
—1
—
AND.B #imm,@(R0,GBR)
(R0 + GBR) & imm
→
(R0 + GBR)
11001101iiiiiiii
—3
—
NOT
Rm,Rn
~Rm
→ Rn
0110nnnnmmmm0111
—1
—
OR
Rm,Rn
Rn | Rm
→ Rn
0010nnnnmmmm1011
—1
—
OR
#imm,R0
R0 | imm
→ R0
11001011iiiiiiii
—1
—
OR.B
#imm,@(R0,GBR)
(R0 + GBR) | imm
→
(R0 + GBR)
11001111iiiiiiii
—3
—
TAS.B @Rn
If (Rn) is 0, 1
→ T;
1
→ MSB of (Rn)
0100nnnn00011011
—
3
Test
result
TST
Rm,Rn
Rn & Rm; if the result
is 0, 1
→ T
0010nnnnmmmm1000
—
1
Test
result
TST
#imm,R0
R0 & imm; if the result
is 0, 1
→ T
11001000iiiiiiii
—
1
Test
result
TST.B #imm,@(R0,GBR)
(R0 + GBR) & imm;
if the result is 0, 1
→ T
11001100iiiiiiii
—
3
Test
result
XOR
Rm,Rn
Rn ^ Rm
→ Rn
0010nnnnmmmm1010
—1
—
XOR
#imm,R0
R0 ^ imm
→ R0
11001010iiiiiiii
—1
—
XOR.B #imm,@(R0,GBR)
(R0 + GBR) ^ imm
→
(R0 + GBR)
11001110iiiiiiii
—3
—