Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 55 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 55 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 51Page - Renesas Technology Corp SH7708 Datasheet HTML 52Page - Renesas Technology Corp SH7708 Datasheet HTML 53Page - Renesas Technology Corp SH7708 Datasheet HTML 54Page - Renesas Technology Corp SH7708 Datasheet HTML 55Page - Renesas Technology Corp SH7708 Datasheet HTML 56Page - Renesas Technology Corp SH7708 Datasheet HTML 57Page - Renesas Technology Corp SH7708 Datasheet HTML 58Page - Renesas Technology Corp SH7708 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 633 page
background image
37
Table 2.7
Arithmetic Instructions (cont)
Instruction
Operation
Code
Privileged
Mode
Cycles T Bit
NEG
Rm,Rn
0–Rm
→ Rn
0110nnnnmmmm1011
—1
—
NEGC
Rm,Rn
0–Rm–T
→ Rn,
Borrow
→ T
0110nnnnmmmm1010
—
1
Borrow
SUB
Rm,Rn
Rn–Rm
→ Rn
0011nnnnmmmm1000
—1
—
SUBC
Rm,Rn
Rn–Rm–T
→ Rn,
Borrow
→ T
0011nnnnmmmm1010
—
1
Borrow
SUBV
Rm,Rn
Rn–Rm
→ Rn,
Underflow
→ T
0011nnnnmmmm1011
—
1
Underflow
Note: * The normal number of execution cycles is shown. The value in parentheses is the number
of cycles required in case of contention with the preceding or following instruction.