| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7708 Fiches technique(PDF) 279 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Fiches technique(HTML) 279 Page - Renesas Technology Corp |
|
279 / 633 page ![]() 261 Single Read: Figure 10.26 shows the timing when a single address read is performed. As the burst length is set to 1 in synchronous DRAM burst read/single write mode, only the required data is output. Consequently, no unnecessary bus cycles are generated even when a cache-through area is accessed. CKIO A25 to A16, A13 A12 A15, A14, A11 to A0 CS2 or CS3 RAS CAS RD/ WR DQMxx D31 to D0 BS Tr Tc1 Td1 Tpc Figure 10.26 Basic Timing for Synchronous DRAM Single Read |