| Moteur de recherche de fiches techniques de composants électroniques |
|
SH7708 Fiches technique(PDF) 260 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7708 Fiches technique(HTML) 260 Page - Renesas Technology Corp |
|
260 / 633 page ![]() 242 Address Multiplexing: When areas 2 and 3 are designated as DRAM space, address multiplexing is always performed in accesses to DRAM. This enables DRAM, which requires row and column address multiplexing, to be connected directly to the SH7708 Series without using an external address multiplexer circuit. Any of the four multiplexing methods shown below can be selected by setting bits AMX1 and AMX0 in MCR for area 3 DRAM, or bits AMX1 and AMX0 in DCR for area 2 DRAM. The relationship between bits AMX1 and AMX0 and address multiplexing is shown in table 10.12. The address output pins subject to address multiplexing are A15 to A1. Pins A25 to A16 carry the original address. Table 10.12 Relationship between AMX1-0 and Address Multiplexing Setting Number of Column AMX1 AMX0 Address Bits Output Timing External Address Pins 0 0 8 bits Column address A1 to A14 A15 Row address A9 to A22 A23 0 1 9 bits Column address A1 to A14 A15 Row address A10 to A23 A24 1 0 10 bits Column address A1 to A14 A15 Row address A11 to A24 A25 1 1 11 bits Column address A1 to A14 A15 Row address A12 to A25 A15 |