Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SH7708 Fiches technique(PDF) 131 Page - Renesas Technology Corp

No de pièce SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Fiches technique(HTML) 131 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 127Page - Renesas Technology Corp SH7708 Datasheet HTML 128Page - Renesas Technology Corp SH7708 Datasheet HTML 129Page - Renesas Technology Corp SH7708 Datasheet HTML 130Page - Renesas Technology Corp SH7708 Datasheet HTML 131Page - Renesas Technology Corp SH7708 Datasheet HTML 132Page - Renesas Technology Corp SH7708 Datasheet HTML 133Page - Renesas Technology Corp SH7708 Datasheet HTML 134Page - Renesas Technology Corp SH7708 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 633 page
background image
113
When the priorities for multiple interrupt sources are set to the same level and such interrupts are
generated at the same time, they are handled according to the default order listed in table 6.4.
Updating of interrupt priority level setting registers A and B should only be performed when the
BL bit in the status register (SR) is set to 1. To prevent erroneous interrupt acknowledgment, first
read one or other of the interrupt priority level setting registers, then clear the BL bit to 0. This
will secure the necessary timing internally.
Table 6.4
Interrupt Exception Vectors and Rankings
Interrupt Source
INTEVT
Code
Interrupt Priority
(Initial Value)
IPR (Bit
Numbers)
Priority within
IPR Setting Unit
Default
Priority
NMI
H'1C0
16
—
—
High
IRL
IRL3–IRL0 = 0000 H'200
15
—
—
IRL3–IRL0 = 0001 H'220
14
—
—
IRL3–IRL0 = 0010 H'240
13
—
—
IRL3–IRL0 = 0011 H'260
12
—
—
IRL3–IRL0 = 0100 H'280
11
—
—
IRL3–IRL0 = 0101 H'2A0
10
—
—
IRL3–IRL0 = 0110 H'2C0
9
—
—
IRL3–IRL0 = 0111 H'2E0
8
—
—
IRL3–IRL0 = 1000 H'300
7
—
—
↓
IRL3–IRL0 = 1001 H'320
6
—
—
IRL3–IRL0 = 1010 H'340
5
—
—
IRL3–IRL0 = 1011 H'360
4
—
—
IRL3–IRL0 = 1100 H'380
3
—
—
IRL3–IRL0 = 1101 H'3A0
2
—
—
IRL3–IRL0 = 1110 H'3C0
1
—
—
TMU0
TUNI0*1
H'400
0–15 (0)
IPRA (15–12) —
TMU1
TUNI1*1
H'420
0–15 (0)
IPRA (11–8) —
TMU2
TUNI2*1
H'440
0–15 (0)
IPRA (7–4)
High
TMU2
TICPI2*2
H'460
0–15 (0)
IPRA (7–4)
Low
Low