| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 188 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 188 Page - Renesas Technology Corp |
|
188 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 136 of 1102 REJ09B0294-0100 6.2.2 Access State Control Register (ASTCR) ASTCR designates each area in the external address space as either 2-state access space or 3-state access space and enables/disables wait cycle insertion. Bit Bit Name Initial Value R/W 15 AST7 1 R/W 14 AST6 1 R/W 13 AST5 1 R/W 12 AST4 1 R/W 11 AST3 1 R/W 10 AST2 1 R/W 9 AST1 1 R/W 8 AST0 1 R/W Bit Bit Name Initial Value R/W 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 2 0 R 1 0 R 0 0 R Bit Bit Name Initial Value R/W Description 15 14 13 12 11 10 9 8 AST7 AST6 AST5 AST4 AST3 AST2 AST1 AST0 1 1 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Area 7 to 0 Access State Control These bits select whether the corresponding area is to be designated as 2-state access space or 3-state access space. Wait cycle insertion is enabled or disabled at the same time. 0: Area n is designated as 2-state access space Wait cycle insertion in area n access is disabled 1: Area n is designated as 3-state access space Wait cycle insertion in area n access is enabled (n = 7 to 0) 7 to 0 All 0 R Reserved These are read-only bits and cannot be modified. |