| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 171 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 171 Page - Renesas Technology Corp |
|
171 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 119 of 1102 REJ09B0294-0100 Yes Program execution state Interrupt generated? NMI Level 6 interrupt? Mask level 5 or below? Level 7 interrupt? Mask level 6 or below? Save PC, CCR, and EXR Clear T bit to 0 Update mask level Read vector address Branch to interrupt handling routine Pending Level 1 interrupt? Mask level 0? Yes Yes No Yes Yes Yes No Yes Yes No No No No No No Figure 5.4 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 2 |