Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX/1663 Fiches technique(PDF) 163 Page - Renesas Technology Corp

No de pièce H8SX/1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663 Fiches technique(HTML) 163 Page - Renesas Technology Corp

Back Button H8SX/1663 Datasheet HTML 159Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 160Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 161Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 162Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 163Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 164Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 165Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 166Page - Renesas Technology Corp H8SX/1663 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 111 of 1102
REJ09B0294-0100
5.5
Interrupt Exception Handling Vector Table
Table 5.2 lists interrupt exception handling sources, vector address offsets, and interrupt priority.
In the default priority order, a lower vector number corresponds to a higher priority. When
interrupt control mode 2 is set, priority levels can be changed by setting the IPR contents. The
priority for interrupt sources allocated to the same level in IPR follows the default priority, that is,
they are fixed.
Table 5.2
Interrupt Sources, Vector Address Offsets, and Interrupt Priority
Classification
Interrupt Source
Vector
Number
Vector
Address
Offset*
IPR
Priority
DTC
Activation
DMAC
Activation
External pin
NMI
7
H'001C
High
External pin
IRQ0
64
H'0100
IPRA14 to IPRA12
O
IRQ1
65
H'0104
IPRA10 to IPRA8
O
IRQ2
66
H'0108
IPRA6 to IPRA4
O
IRQ3
67
H'010C
IPRA2 to IPRA0
O
IRQ4
68
H'0110
IPRB14 to IPRB12
O
IRQ5
69
H'0114
IPRB10 to IPRB8
O
IRQ6
70
H'0118
IPRB6 to IPRB4
O
IRQ7
71
H'011C
IPRB2 to IPRB0
O
IRQ8
72
H'0120
IPRC14 to IPRC12
O
IRQ9
73
H'0124
IPRC10 to IPRC8
O
IRQ10
74
H'0128
IPRC6 to IPRC4
O
IRQ11
75
H'012C
IPRC2 to IPRC0
O
76
H'0130
Reserved for
system use
77
H'0134
78
H'0138
TM32K
32KOVI (IRQ15) 79
H'013C
IPRD2 to IPRD0
Reserved for
system use
80
H'0140
WDT
WOVI
81
H'0144
IPRE10 to IPRE8
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More