| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 1060 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 1060 Page - Renesas Technology Corp |
|
1060 / 1158 page ![]() Section 24 List of Registers Rev.1.00 Jun. 07, 2006 Page 1008 of 1102 REJ09B0294-0100 24.2 Register Bits Register addresses and bit names of the on-chip peripheral modules are described below. Each line covers eight bits, and 16-bit and 32-bit registers are shown as 2 or 4 lines, respectively. Register Abbreviation Bit 31/23/15/7 Bit 30/22/14/6 Bit 29/21/13/5 Bit 28/20/12/4 Bit 27/19/11/3 Bit 26/18/10/2 Bit 25/17/9/1 Bit 24/16/8/0 Module TCR_4 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 TMR_4 TCR_5 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 TMR_5 TCSR_4 CMFB CMFA OVF ADTE OS3 OS2 OS1 OS0 TMR_4 TCSR_5 CMFB CMFA OVF — OS3 OS2 OS1 OS0 TMR_5 TCORA_4 TMR_4 TCORA_5 TMR_5 TCORB_4 TMR_4 TCORB_5 TMR_5 TCNT_4 TMR_4 TCNT_5 TMR_5 TCCR_4 — — — — TMRIS — ICKS1 ICKS0 TMR_4 TCCR_5 — — — — TMRIS — ICKS1 ICKS0 TMR_5 CRCCR DORCLR — — — — LMS G1 G0 CRC CRCDIR CRCDOR TCR_6 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 TMR_6 TCR_7 CMIEB CMIEA OVIE CCLR1 CCLR0 CKS2 CKS1 CKS0 TMR_7 TCSR_6 CMFB CMFA OVF ADTE OS3 OS2 OS1 OS0 TMR_6 TCSR_7 CMFB CMFA OVF — OS3 OS2 OS1 OS0 TMR_7 TCORA_6 TMR_6 TCORA_7 TMR_7 TCORB_6 TMR_6 TCORB_7 TMR_7 TCNT_6 TMR_6 TCNT_7 TMR_7 TCCR_6 — — — — TMRIS — ICKS1 ICKS0 TMR_6 TCCR_7 — — — — TMRIS — ICKS1 ICKS0 TMR_7 IFR0 BRST EP1 FULL EP2 TR EP2 EMPTY SETUP TS EP0o TS EP0i TR EP0i TS USB IFR1 — — — — VBUS MN EP3 TR EP3 TS VBUSF IFR2 — — SURSS SURSF CFDN — SETC SETI IER0 BRST EP1 FULL EP2 TR EP2 EMPTY SETUP TS EP0o TS EP0i TR EP0i TS |