| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 952 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 952 Page - Renesas Technology Corp |
|
952 / 1158 page ![]() Section 21 Flash Memory (0.18- µm F-ZTAT Version) Rev.1.00 Jun. 07, 2006 Page 900 of 1102 REJ09B0294-0100 (5) Flash Multipurpose Data Destination Parameter (FMPDR: General Register ER0 of CPU) FMPDR stores the start address in the area which stores the data to be programmed in the user MAT. When the storage destination for the program data is in flash memory, an error occurs. The error occurrence is indicated by the WD bit in FPFR. 31 MOD31 30 MOD30 29 MOD29 28 MOD28 27 MOD27 24 MOD24 26 MOD26 25 MOD25 23 MOD23 22 MOD22 21 MOD21 20 MOD20 19 MOD19 16 MOD16 18 MOD18 17 MOD17 15 MOD15 14 MOD14 13 MOD13 12 MOD12 11 MOD11 8 MOD8 10 MOD10 9 MOD9 7 MOD7 6 MOD6 5 MOD5 4 MOD4 3 MOD3 0 MOD0 2 MOD2 1 MOD1 Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Bit Bit Name Initial Value R/W Description 31 to 0 MOD31 to MOD0 R/W These bits store the start address of the area which stores the program data for the user MAT. Consecutive 128-byte data is programmed to the user MAT starting from the specified start address. |