| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 632 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 632 Page - Renesas Technology Corp |
|
632 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 580 of 1102 REJ09B0294-0100 10.10.10 Conflict between Buffer Register Write and Input Capture If the input capture signal is generated in the T2 state of a buffer register write cycle, the buffer operation takes precedence and the write to the buffer register is not performed. Figure 10.52 shows the timing in this case. TCNT P φ Input capture signal Address Buffer register address Write T 1 T 2 Buffer register write cycle N N TGR Buffer register M M Figure 10.52 Conflict between Buffer Register Write and Input Capture |