| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 545 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 545 Page - Renesas Technology Corp |
|
545 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 493 of 1102 REJ09B0294-0100 9.3.8 Port Function Control Register B (PFCRB) PFCRB selects the input pins for IRQ11 to IRQ8. Bit Bit Name Initial Value R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 ITS11 0 R/W 2 ITS10 0 R/W 1 ITS9 0 R/W 0 ITS8 0 R/W Bit Bit Name Initial Value R/W Description 7 to 4 All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 3 ITS11 0 R/W IRQ11 Pin Select Selects an input pin for IRQ11. 0: Selects pin P23 as IRQ11-A input 1: Selects pin P63 as IRQ11-B input 2 ITS10 0 R/W IRQ10 Pin Select Selects an input pin for IRQ10. 0: Selects pin P22 as IRQ10-A input 1: Selects pin P62 as IRQ10-B input 1 ITS9 0 R/W IRQ9 Pin Select Selects an input pin for IRQ9. 0: Selects pin P21 as IRQ9-A input 1: Selects pin P61 as IRQ9-B input 0 ITS8 0 R/W IRQ8 Pin Select Selects an input pin for IRQ8. 0: Selects pin P20 as IRQ8-A input 1: Selects pin P60 as IRQ8-B input |