| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 508 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 508 Page - Renesas Technology Corp |
|
508 / 1158 page ![]() Section 9 I/O Ports Rev.1.00 Jun. 07, 2006 Page 456 of 1102 REJ09B0294-0100 (4) P62/TMO2/SCK4/ DACK2/IRQ10-B/TRST The pin function is switched as shown below according to the combination of the DMAC, TMR, and SCI register settings and P62DDR bit setting. Setting DMAC TMR SCI I/O Port Module Name Pin Function DACK2_OE TMO2_OE SCK4_OE P62DDR DMAC DACK2 output 1 TMR TMO2 output 0 1 SCI SCK4 output 0 0 1 P62 output 0 0 0 1 I/O port P62 input (initial setting) 0 0 0 0 (5) P61/TMCI2/RxD4/ TEND2/IRQ9-B The pin function is switched as shown below according to the combination of the DMAC register setting and P61DDR bit setting. Setting DMAC I/O Port Module Name Pin Function TEND2_OE P61DDR DMAC TEND2 output 1 I/O port P61 output 0 1 P61 input (initial setting) 0 0 |