| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 449 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 449 Page - Renesas Technology Corp |
|
449 / 1158 page ![]() Section 8 Data Transfer Controller (DTC) Rev.1.00 Jun. 07, 2006 Page 397 of 1102 REJ09B0294-0100 8.2 Register Descriptions DTC has the following registers. • DTC mode register A (MRA) • DTC mode register B (MRB) • DTC source address register (SAR) • DTC destination address register (DAR) • DTC transfer count register A (CRA) • DTC transfer count register B (CRB) These six registers MRA, MRB, SAR, DAR, CRA, and CRB cannot be directly accessed by the CPU. The contents of these registers are stored in the data area as transfer information. When a DTC activation request occurs, the DTC reads a start address of transfer information that is stored in the data area according to the vector address, reads the transfer information, and transfers data. After the data transfer, it writes a set of updated transfer information back to the data area. • DTC enable registers A to E, G, and H (DTCERA to DTCERE, DTCERG, and DTCERH) • DTC control register (DTCCR) • DTC vector base register (DTCVBR) |