| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 405 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 405 Page - Renesas Technology Corp |
|
405 / 1158 page ![]() Section 7 DMA Controller (DMAC) Rev.1.00 Jun. 07, 2006 Page 353 of 1102 REJ09B0294-0100 Table 7.5 List of On-chip module interrupts to DMAC On-Chip Module Interrupt Source On-Chip Module DMRSR (Vector Number) ADI (conversion end interrupt for A/D converter) A/D 86 TGI0A (TGI0A input capture/compare match) TPU_0 88 TGI1A (TGI1A input capture/compare match) TPU_1 93 TGI2A (TGI2A input capture/compare match) TPU_2 97 TGI3A (TGI3A input capture/compare match) TPU_3 101 TGI4A (TGI4A input capture/compare match) TPU_4 106 TGI5A (TGI5A input capture/compare match) TPU_5 110 RXI0 (receive data full interrupt for SCI channel 0) SCI_0 145 TXI0 (transmit data empty interrupt for SCI channel 0) SCI_0 146 RXI1 (receive data full interrupt for SCI channel 1) SCI_1 149 TXI1 (transmit data empty interrupt for SCI channel 1) SCI_1 150 RXI2 (receive data full interrupt for SCI channel 2) SCI_2 153 TXI2 (transmit data empty interrupt for SCI channel 2) SCI_2 154 RXI4 (receive data full interrupt for SCI channel 4) SCI_4 161 TXI4 (transmit data empty interrupt for SCI channel 4) SCI_4 162 RXI5 (receive data full interrupt for SCI channel 5) SCI_5 220 TXI5 (transmit data empty interrupt for SCI channel 5) SCI_5 221 RXI6 (receive data full interrupt for SCI channel 6) SCI_6 224 TXI6 (transmit data empty interrupt for SCI channel 6) SCI_6 225 USBINTN0 (EP1FIFO full interrupt) USB 232 USBINTN1 (EP2FIFO empty interrupt) USB 233 |