| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX/1663 Fiches technique(PDF) 329 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 Fiches technique(HTML) 329 Page - Renesas Technology Corp |
|
329 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 277 of 1102 REJ09B0294-0100 The time between the PALL or PRE command and the subsequent REF command can be changed by wait cycle insertion. The number of wait cycles is selected from one to three cycles by bits TPC1 and TPC0 in DRACCR. Set the bit according to the SDRAM to be used and the frequency of this LSI so that the number of wait cycles can be optimal. Figure 6.77 shows a timing example when the one wait cycles are inserted. TR p1 TR p2 TR r TR c1 TR c2 CS Precharge-sel RAS CAS WE CKE PALL REF NOP NOP BS RD/ WR High High High Address bus SD φ Figure 6.77 Auto-Refresh Timing (TPC1 = 0, TPC0 = 1) |