| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 691 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 691 Page - Renesas Technology Corp |
|
691 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 649 of 772 REJ09B0355-0300 PDDDR—Port D Data Direction Register H'FEBC Port D 7 PD7DDR 0 W 6 PD6DDR 0 W 5 PD5DDR 0 W 4 PD4DDR 0 W 3 PD3DDR 0 W 0 PD0DDR 0 W 2 PD2DDR 0 W 1 PD1DDR 0 W Bit Initial value Read/Write : : : Specify input or output for individual port D pins PEDDR—Port E Data Direction Register H'FEBD Port E 7 PE7DDR 0 W 6 PE6DDR 0 W 5 PE5DDR 0 W 4 PE4DDR 0 W 3 PE3DDR 0 W 0 PE0DDR 0 W 2 PE2DDR 0 W 1 PE1DDR 0 W Specify input or output for individual port E pins Bit Initial value Read/Write : : : PFDDR—Port F Data Direction Register H'FEBE Port F 7 PF7DDR 1 W 0 W 6 PF6DDR 0 W 0 W 5 PF5DDR 0 W 0 W 4 PF4DDR 0 W 0 W 3 PF3DDR 0 W 0 W 0 PF0DDR 0 W 0 W 2 PF2DDR 0 W 0 W 1 PF1DDR 0 W 0 W Specify input or output for individual port F pins Bit Modes 1, 2, 4, 5, 6 Initial value Read/Write Modes 3, 7 Initial value Read/Write : : : : : |