| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 690 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 690 Page - Renesas Technology Corp |
|
690 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 648 of 772 REJ09B0355-0300 PADDR—Port A Data Direction Register H'FEB9 Port A 7 — Undefined — 6 — Undefined — 5 — Undefined — 4 — Undefined — 3 PA3DDR 0 W 0 PA0DDR 0 W 2 PA2DDR 0 W 1 PA1DDR 0 W Specify input or output for individual port A pins Bit Initial value Read/Write : : : PBDDR—Port B Data Direction Register H'FEBA Port B 7 PB7DDR 0 W 6 PB6DDR 0 W 5 PB5DDR 0 W 4 PB4DDR 0 W 3 PB3DDR 0 W 0 PB0DDR 0 W 2 PB2DDR 0 W 1 PB1DDR 0 W Specify input or output for individual port B pins Bit Initial value Read/Write : : : PCDDR—Port C Data Direction Register H'FEBB Port C 7 PC7DDR 0 W 6 PC6DDR 0 W 5 PC5DDR 0 W 4 PC4DDR 0 W 3 PC3DDR 0 W 0 PC0DDR 0 W 2 PC2DDR 0 W 1 PC1DDR 0 W Specify input or output for individual port C pins Bit Initial value Read/Write : : : |