| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 41 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 41 Page - Renesas Technology Corp |
|
41 / 818 page ![]() Rev.3.00 Mar. 26, 2007 Page xli of xlii REJ09B0355-0300 Appendix A Instruction Set .............................................................................................. 599 A.1 Instruction List .................................................................................................................. 599 A.2 Operation Code Map ......................................................................................................... 623 A.3 Number of States Required for Instruction Execution ...................................................... 627 Appendix B Register Field................................................................................................ 638 B.1 Register Addresses ............................................................................................................ 638 B.2 Register Descriptions ........................................................................................................ 644 Appendix C I/O Port Block Diagrams........................................................................... 730 C.1 Port 1 Block Diagram ....................................................................................................... 730 C.2 Port 2 Block Diagram ....................................................................................................... 734 C.3 Port 3 Block Diagram ....................................................................................................... 738 C.4 Port 4 Block Diagram ....................................................................................................... 741 C.5 Port 5 Block Diagram ....................................................................................................... 742 C.6 Port A Block Diagram....................................................................................................... 746 C.7 Port B Block Diagram....................................................................................................... 747 C.8 Port C Block Diagram....................................................................................................... 748 C.9 Port D Block Diagram....................................................................................................... 749 C.10 Port E Block Diagram ....................................................................................................... 750 C.11 Port F Block Diagram ....................................................................................................... 751 C.12 Port G Block Diagram....................................................................................................... 759 Appendix D Pin States ....................................................................................................... 763 D.1 Port States in Each Mode .................................................................................................. 763 Appendix E Pin States at Power-On .............................................................................. 767 E.1 When Pins Settle from an Indeterminate State at Power-On ............................................ 767 E.2 When Pins Settle from the High-Impedance State at Power-On....................................... 768 Appendix F Timing of Transition to and Recovery from Hardware Standby Mode............................................................................................... 769 Appendix G Product Code Lineup.................................................................................. 770 Appendix H Package Dimensions................................................................................... 771 |