Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 84 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 84 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 80Page - Renesas Technology Corp H8S2245 Datasheet HTML 81Page - Renesas Technology Corp H8S2245 Datasheet HTML 82Page - Renesas Technology Corp H8S2245 Datasheet HTML 83Page - Renesas Technology Corp H8S2245 Datasheet HTML 84Page - Renesas Technology Corp H8S2245 Datasheet HTML 85Page - Renesas Technology Corp H8S2245 Datasheet HTML 86Page - Renesas Technology Corp H8S2245 Datasheet HTML 87Page - Renesas Technology Corp H8S2245 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 42 of 772
REJ09B0355-0300
Instruction
Size*
1
Function
EXTU
W/L
Rd (zero extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size, or the lower 16
bits of a 32-bit register to longword size, by padding with zeros on the
left.
EXTS
W/L
Rd (sign extension)
→ Rd
Extends the lower 8 bits of a 16-bit register to word size, or the lower 16
bits of a 32-bit register to longword size, by extending the sign bit.
TAS*
2
B@ERd – 0, 1
→ (<bit 7> of @Erd)
Tests memory contents, and sets the most significant bit (bit 7) to 1.
Notes: 1. Size refers to the operand size.
B:
Byte
W: Word
L:
Longword
2. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More