Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 68 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 68 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 64Page - Renesas Technology Corp H8S2245 Datasheet HTML 65Page - Renesas Technology Corp H8S2245 Datasheet HTML 66Page - Renesas Technology Corp H8S2245 Datasheet HTML 67Page - Renesas Technology Corp H8S2245 Datasheet HTML 68Page - Renesas Technology Corp H8S2245 Datasheet HTML 69Page - Renesas Technology Corp H8S2245 Datasheet HTML 70Page - Renesas Technology Corp H8S2245 Datasheet HTML 71Page - Renesas Technology Corp H8S2245 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 26 of 772
REJ09B0355-0300
Stack Structure: In advanced mode, when the program counter (PC) is pushed onto the stack in a
subroutine call, and the PC and condition-code register (CCR) are pushed onto the stack in
exception handling, they are stored as shown in figure 2.5. The extended control register (EXR) is
not pushed onto the stack. For details, see section 4, Exception Handling.
(a) Subroutine Branch
(b) Exception Handling
PC
(24 bits)
CCR
PC
(24 bits)
SP
SP
Reserved
Figure 2.5 Stack Structure in Advanced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More