Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8S2245 Fiches technique(PDF) 99 Page - Renesas Technology Corp

No de pièce H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Fiches technique(HTML) 99 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 95Page - Renesas Technology Corp H8S2245 Datasheet HTML 96Page - Renesas Technology Corp H8S2245 Datasheet HTML 97Page - Renesas Technology Corp H8S2245 Datasheet HTML 98Page - Renesas Technology Corp H8S2245 Datasheet HTML 99Page - Renesas Technology Corp H8S2245 Datasheet HTML 100Page - Renesas Technology Corp H8S2245 Datasheet HTML 101Page - Renesas Technology Corp H8S2245 Datasheet HTML 102Page - Renesas Technology Corp H8S2245 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 818 page
background image
Section 2 CPU
Rev.3.00 Mar. 26, 2007 Page 57 of 772
REJ09B0355-0300
2.8
Processing States
2.8.1
Overview
The CPU has five main processing states: the reset state, exception handling state, program
execution state, bus-released state, and power-down state. Figure 2.14 shows a diagram of the
processing states. Figure 2.15 indicates the state transitions.
Reset state
The CPU and all on-chip supporting modules have been
initialized and are stopped.
Exception-handling
state
A transient state in which the CPU changes the normal
processing flow in response to a reset, interrupt, or trap
instruction.
Program execution
state
The CPU executes program instructions in sequence.
Bus-released state
The external bus has been released in response to a bus
request signal from a bus master other than the CPU.
Power-down state
CPU operation is stopped
to conserve power.*
Sleep mode
Software standby
mode
Hardware standby
mode
Processing
states
Note: * The power-down state also includes a medium-speed mode, module stop mode etc.
See section 18, Power-Down Modes, for details.
Figure 2.14 Processing States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More