| Moteur de recherche de fiches techniques de composants électroniques |
|
H8S2245 Fiches technique(PDF) 687 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 Fiches technique(HTML) 687 Page - Renesas Technology Corp |
|
687 / 818 page ![]() Appendix B Register Field Rev.3.00 Mar. 26, 2007 Page 645 of 772 REJ09B0355-0300 MRB—DTC Mode Register B H'F800—H'FBFF DTC 7 CHNE Undefined — 6 DISEL Undefined — 5 — Undefined — 4 — Undefined — 3 — Undefined — 0 — Undefined — 2 — Undefined — 1 — Undefined — Bit Initial value Read/Write : : : DTC Chain Transfer Enable 0 1 End of DTC data transfer DTC chain transfer DTC Interrupt Select 0 1 After a data transfer ends, the CPU interrupt is disabled unless the transfer counter is 0 After a data transfer ends, the CPU interrupt is enabled SAR—DTC Source Address Register H'F800—H'FBFF DTC 23 Bit Initial value Read/Write : : : 22 21 20 19 43210 - - - - - - - - - - - - Specifies transfer data source address Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined Unde- fined Unde- fined Unde- fined Unde- fined —— — — — DAR—DTC Destination Address Register H'F800—H'FBFF DTC 23 Bit Initial value Read/Write : : : 22 21 20 19 43210 - - - - - - - - - - - - Specifies transfer data destination address Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — Unde- fined — |