Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 34Page - STMicroelectronics STMPE1208S Datasheet HTML 35Page - STMicroelectronics STMPE1208S Datasheet HTML 36Page - STMicroelectronics STMPE1208S Datasheet HTML 37Page - STMicroelectronics STMPE1208S Datasheet HTML 38Page - STMicroelectronics STMPE1208S Datasheet HTML 39Page - STMicroelectronics STMPE1208S Datasheet HTML 40Page - STMicroelectronics STMPE1208S Datasheet HTML 41Page - STMicroelectronics STMPE1208S Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Register map and function description
STMPE1208S
38/51
INT_PENDING
Interrupt pending
Address:
0x77
Type:
R
Reset:
0x00
Description:
This register reflects the status of various possible interrupt sources. Upon the
occurrence of an event, the corresponding bit in this register will be set to '1' by the
hardware.
GPIO_IN_L
GPIO input state (lower) register
Address:
0x79
Type:
R
Reset:
0x0
Description:
Reads the current logical level of corresponding DIO if it is set as GPIO input.
765
432
10
RESERVED
EOC
I2A
A21
TOUCH
[7:4] RESERVED
[3] EOC:
End of calibration
[2] I2A:
SLEEP to active transition
[1] A21:
Active to SLEEP transition
[0] TOUCH:
Touch detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51