Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 25Page - STMicroelectronics STMPE1208S Datasheet HTML 26Page - STMicroelectronics STMPE1208S Datasheet HTML 27Page - STMicroelectronics STMPE1208S Datasheet HTML 28Page - STMicroelectronics STMPE1208S Datasheet HTML 29Page - STMicroelectronics STMPE1208S Datasheet HTML 30Page - STMicroelectronics STMPE1208S Datasheet HTML 31Page - STMicroelectronics STMPE1208S Datasheet HTML 32Page - STMicroelectronics STMPE1208S Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
STMPE1208S
Register map and function description
29/51
INT_MASK
Interrupt mask
Address:
0x26
Type:
R/W
Reset:
0x08
Description:
Writing '1' to this register disables the corresponding interrupt source.
7654
3
2
1
0
-
EOC
EINT
-
I2A
A2I
TOUCH
[7] RESERVED
[6] EOC:
End of calibration.
[5] EINT:
EINT interrupt sources (GPIO input) changes.
[4:3] RESERVED
[2] I2A:
SLEEP to active transition
[1] A2I:
Active to idle transition
[0] TOUCH:
Touch detect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51