Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 21Page - STMicroelectronics STMPE1208S Datasheet HTML 22Page - STMicroelectronics STMPE1208S Datasheet HTML 23Page - STMicroelectronics STMPE1208S Datasheet HTML 24Page - STMicroelectronics STMPE1208S Datasheet HTML 25Page - STMicroelectronics STMPE1208S Datasheet HTML 26Page - STMicroelectronics STMPE1208S Datasheet HTML 27Page - STMicroelectronics STMPE1208S Datasheet HTML 28Page - STMicroelectronics STMPE1208S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
STMPE1208S
Register map and function description
25/51
GPIO_STA_L
GPIO state register L
Address:
0x1E
Type:
R/W
Reset:
0x00
Description:
If a DIO is set to function as GPIO (GPIO_CFG register) and output (GPIO_DIR
register), the bits in this register would determine the output value of the
corresponding GPIO. Applicable for GPIOs 0 - 7.
GPIO_STA_H
GPIO state register H
Address:
0x1F
Type:
R/W
Reset:
0x00
Description:
If a DIO is set to function as GPIO (GPIO_CFG register) and output (GPIO_DIR
register), the bits in this register would determine the output value of the
corresponding GPIO. Applicable for GPIOs 8 - 11.
GPIO_CFG_L
GPIO configuration register
Address:
0x20
Type:
R/W
Reset:
0x00
Description:
Writing ‘1’ in this GPIO configuration register sets the corresponding DIO as GPIO.
Applicable for GPIOs 0-7.
GPIO_CFG_H
GPIO configuration register
Address:
0x21
Type:
R/W
Reset:
0x00
Description:
Writing ‘1’ in this GPIO configuration register sets the corresponding DIO as GPIO.
Applicable for GPIOs 8-11.
7654
3
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
7654
3
2
1
0
RESERVED
IO-11
IO-10
IO-9
IO-8
7654
3
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
7654
3
2
1
0
RESERVED
IO-11
IO-10
IO-9
IO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51