Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 30Page - STMicroelectronics STMPE1208S Datasheet HTML 31Page - STMicroelectronics STMPE1208S Datasheet HTML 32Page - STMicroelectronics STMPE1208S Datasheet HTML 33Page - STMicroelectronics STMPE1208S Datasheet HTML 34Page - STMicroelectronics STMPE1208S Datasheet HTML 35Page - STMicroelectronics STMPE1208S Datasheet HTML 36Page - STMicroelectronics STMPE1208S Datasheet HTML 37Page - STMicroelectronics STMPE1208S Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Register map and function description
STMPE1208S
34/51
FILTER_THRESHOLD
Filter threshold
Address:
0x2E
Type:
R/W
Reset:
0x00
Description:
Filter threshold.
STRENGTH
Strength
Address:
0x50 - 5B
Type:
R
Reset:
0x00
Description:
Counts the number of times a sensed impedance exceeds calibrated reference
impedance over and integration time. Maximum strength equals integration time [7:0]
7654
3
2
1
0
FILTER_THRESHOLD
[7:0] FILTER_THRESHOLD:
An internal "Filter counter" is compared with Filter Threshold [7:0] to determine if a valid touch
has occurred.
Note: I2C writes to this register will not be acknowledged. However as long as I2C timing is
followed, the writing to this register will work correctly.
765
432
10
STRENGTH
[7:0] STRENGTH:
Read-only field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51