Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 2Page - STMicroelectronics STMPE1208S Datasheet HTML 3Page - STMicroelectronics STMPE1208S Datasheet HTML 4Page - STMicroelectronics STMPE1208S Datasheet HTML 5Page - STMicroelectronics STMPE1208S Datasheet HTML 6Page - STMicroelectronics STMPE1208S Datasheet HTML 7Page - STMicroelectronics STMPE1208S Datasheet HTML 8Page - STMicroelectronics STMPE1208S Datasheet HTML 9Page - STMicroelectronics STMPE1208S Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
Pin configuration and function
STMPE1208S
6/51
12
GPIO_8
General purpose I/O
13
GPIO_7
General purpose I/O
14
GPIO_6
General purpose I/O
15
VPH
3
−5.5 V power supply (regulator input)
Supply to this pin is also used for powering the GPIO
16
GND
Ground
17
S_REF
Touch sensing reference.
18
S_IN_11
Capacitance sensing input 11
19
S_IN_10
Capacitance sensing input 10
20
S_IN_9
Capacitance sensing input 9
21
S_IN_8
Capacitance sensing input 8
22
S_IN_7
Capacitance sensing input 7
23
S_IN_6
Capacitance sensing input 6
24
GND
Ground
25
V25
2.5 V supply
26
VREG
Internal regulator output
27
VPH
3
−5.5 V power supply (regulator input)
28
S_IN_5
Capacitance sensing input 5
29
S_IN_4
Capacitance sensing input 4
30
S_IN_3
Capacitance sensing input 3
31
S_IN_2
Capacitance sensing input 2
32
S_IN_1
Capacitance sensing input 1
33
S_IN_0
Capacitance sensing input 0
34
RESET_IN
Active low reset pin.
This pin should be held ‘low’ for 10 mS from power stable
state. Recommended: 47 K resistor with 0.47
μF capacitor
35
ID_1
I2C address
36
ID_0
I2C address
37
GPIO_5
General purpose I/O
38
GPIO_4
General purpose I/O
39
GPIO_3
General purpose I/O
40
GPIO_2
General purpose I/O
Table 2.
Pin assignments and description (continued)
Pin number
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51