Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE1208S Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STMPE1208S
Description  Xpander Logic with 12-channel touchkey
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1208S Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STMPE1208S Datasheet HTML 28Page - STMicroelectronics STMPE1208S Datasheet HTML 29Page - STMicroelectronics STMPE1208S Datasheet HTML 30Page - STMicroelectronics STMPE1208S Datasheet HTML 31Page - STMicroelectronics STMPE1208S Datasheet HTML 32Page - STMicroelectronics STMPE1208S Datasheet HTML 33Page - STMicroelectronics STMPE1208S Datasheet HTML 34Page - STMicroelectronics STMPE1208S Datasheet HTML 35Page - STMicroelectronics STMPE1208S Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Register map and function description
STMPE1208S
32/51
EXT_INT_EN
External interrupt enable register
Address:
0x2B
Type:
R/W
Reset:
0x00
Description:
Enable of the GPIO interrupt.
‘1’ enables the corresponding GPIO to generate an interrupt on detecting change in
its input. Only GPIO 0-7 is able to generate interrupts.
EXT_INT_POL
External interrupt polarity register
Address:
0x2B
Type:
R/W
Reset:
0x00
Description:
Polarity of GPIO interrupt
.
‘0’ positive edge on external interrupt input sets GINT.
‘1’ negative edge on external interrupt input sets GINT.
7654
3
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
7654
3
2
1
0
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51