| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE1208S Fiches technique(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1208S Fiches technique(HTML) 9 Page - STMicroelectronics |
|
9 / 51 page ![]() STMPE1208S Clock setting 9/51 2 Clock setting The STMPE1208S uses a flexible clocking system that allows the user to adjust the clock speed for optimization of power consumption. The clock frequency must be set to value higher than the expected I2C frequency. Table 3. Clocking system OSC PDIV Clock NDIV Active Idle Sensor clock 1.6 MHz 00 1.6 MHz 0 20KHz 100Hz 110 KHz 50 Hz 01 800 KHz 010 KHz 50 Hz 15 KHz 25 Hz 10 400 KHz 05 KHz 25 Hz 12.5 KHz 12.5 Hz 11 200 KHz 02.5 KHz 12.5 Hz 11.25 KHz 6.25 Hz |