| Moteur de recherche de fiches techniques de composants électroniques |
|
STMPE811 Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE811 Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 54 page ![]() Analog-to-digital converter STMPE811 26/54 ADC_CTRL1 ADC control 1 Address: 0x20 Type: R/W Reset: 0x9C Description: ADC control register 7 6 5 4 3 210 RESERVED SAMPLE_TIME2 SAMPLE_TIME1 SAMPLE_TIME0 MOD_12B RESERVED REF_SEL RESERVED [7] RESERVED [6:4] SAMPLE_TIMEn: ADC conversion time in number of clock 000: 36 001: 44 010: 56 011: 64 100: 80 101: 96 110: 124 111: Not valid [3] MOD_12B: Selects 10 or 12-bit ADC operation 1: 12 bit ADC 0: 10 bit ADC [2] RESERVED [1] REF_SEL: Selects between internal or external reference for the ADC 1: External reference 0: Internal reference [0] RESERVED |