Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE811 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 3Page - STMicroelectronics STMPE811 Datasheet HTML 4Page - STMicroelectronics STMPE811 Datasheet HTML 5Page - STMicroelectronics STMPE811 Datasheet HTML 6Page - STMicroelectronics STMPE811 Datasheet HTML 7Page - STMicroelectronics STMPE811 Datasheet HTML 8Page - STMicroelectronics STMPE811 Datasheet HTML 9Page - STMicroelectronics STMPE811 Datasheet HTML 10Page - STMicroelectronics STMPE811 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
STMPE811
I2C and SPI interface
7/54
3
I2C and SPI interface
3.1
Interface selection
The STMPE811 interfaces with the host CPU via a I2C or SPI interface. The pin IN_1 allows
the selection of interface protocol at reset state.
Figure 3.
STMPE811 interface
Table 4.
Interface selection pins
Pin
I2C function
SPI function
Reset state
3
Address 0
Data out
CPHA for SPI
4CLOCK
CLOCK
5
SDATA
CS
CPOL_N for SPI
7
Data in
9MODE
I2C set to ‘0’
Set to ‘1’ for SPI
SPI I/F
module
I C I/F
module
DIN
DOUT
CLK
CS
SDAT
SCLK
A0
MUX
unit
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54